Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR1050 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # DR1050
Description  Shielded power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR1050 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  DR1050 Datasheet HTML 1Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 2Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 3Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 4Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 5Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4139
Effective April 2016
Supersedes March 2007
DR1050
Shielded power inductors
Description
•
Shielded drum core
•
Inductance range from 0.7 μH to 1000 μH
•
Current range from 0.43 A to 13.5 A
•
10.5 mm x 10.3 mm footprint surface mount
package in a 5.0 mm height
•
Ferrite core material
•
Halogen free, lead free, RoHS compliant
Applications
•
LED/LCD backlighting
•
High definition televisions (HDTV)
•
Server and desktop power supplies
•
Graphics cards and battery powered systems
•
Point-of-load (POL) modules
•
Printers and peripherals
•
Portable electronics
Environmental Data
•
Storage temperature range (Component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - DR1050

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR1050-100-R COOPER-DR1050-100-R Datasheet
194Kb / 3P
Low Profile Power Inductors
DR1050-101-R COOPER-DR1050-101-R Datasheet
194Kb / 3P
Low Profile Power Inductors
DR1050-102-R COOPER-DR1050-102-R Datasheet
194Kb / 3P
Low Profile Power Inductors
DR1050-120-R COOPER-DR1050-120-R Datasheet
194Kb / 3P
Low Profile Power Inductors
DR1050-121-R COOPER-DR1050-121-R Datasheet
194Kb / 3P
Low Profile Power Inductors
More results

Similar Description - DR1050

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com