Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR1050 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # DR1050
Description  Shielded power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DR1050 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  DR1050 Datasheet HTML 1Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 2Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 3Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 4Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 5Page - Eaton All Rights Reserved. DR1050 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data
4139
Effective April 2016
DR1050
Shielded power inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1
(μH) ±30%
I
rms
2
(A)
I
sat
3
(A)
DCR (mΩ)
typical
@ 20°C
DCR (mΩ)
maximum
@ 20°C
K-factor4
DR1050-R80-R
0.70
9.70
13.5
3.2
4.0
20.47
DR1050-1R5-R
1.37
8.60
10.5
4.0
5.0
14.62
DR1050-2R2-R
2.27
7.52
9.3
5.6
6.8
11.37
DR1050-3R3-R
3.21
6.50
8.2
8.0
10
9.30
DR1050-4R7-R
4.43
6.13
6.7
10
12
7.87
DR1050-6R8-R
6.30
5.45
5.8
13
17
6.82
DR1050-8R2-R
8.09
5.24
5.0
15
19
6.02
DR1050-100-R
10.1
4.80
4.6
18
23
5.39
DR1050-120-R
11.6
3.94
4.1
24
30
4.87
DR1050-150-R
14.8
3.80
3.7
26
33
4.45
DR1050-180-R
17.5
3.39
3.3
33
41
4.09
DR1050-220-R
23.5
3.12
3.0
39
48
3.53
DR1050-270-R
26.9
2.82
2.8
43
53
3.30
DR1050-330-R
34.3
2.56
2.5
58
72
2.92
DR1050-390-R
38.3
2.35
2.35
61
76
2.77
DR1050-470-R
47.1
2.06
2.10
89
111
2.50
DR1050-560-R
56.7
1.96
1.94
98
123
2.27
DR1050-680-R
67.2
1.84
1.70
111
139
2.09
DR1050-820-R
84.4
1.60
1.58
147
184
1.86
DR1050-101-R
97.5
1.52
1.45
164
205
1.73
DR1050-121-R
118
1.30
1.30
223
279
1.57
DR1050-151-R
149
1.26
1.15
238
298
1.40
DR1050-181-R
184
1.18
1.08
273
341
1.26
DR1050-221-R
222
1.00
0.98
377
472
1.15
DR1050-271-R
264
0.96
0.90
410
513
1.06
DR1050-331-R
321
0.83
0.80
554
693
0.96
DR1050-391-R
397
0.76
0.72
648
810
0.86
DR1050-471-R
481
0.64
0.62
855
1069
0.78
DR1050-561-R
573
0.62
0.60
970
1213
0.72
DR1050-681-R
708
0.56
0.55
1095
1369
0.64
DR1050-821-R
819
0.54
0.50
1185
1481
0.60
DR1050-102-R
1000
0.43
0.48
1528
1950
0.54
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.1 Vrms, 0.0 Adc, +25 °C
2. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed 125 °C under worst case operating
conditions verified in the end application.
3. Isat: Peak current for approximately 35% rolloff @ +25 °C
4. K-factor: K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (mT),
K: (K-factor from table), L: (Inductance in μH), ΔI (Peak to peak ripple current in Amps).
5. Part Number Definition: DR1050-xxx-R
DR1050 = Product code and size
-xxx= inductance value in μH, R= decimal point,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com