Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4046B
Description  CMOS High Voltage Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4046B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4046B Datasheet HTML 1Page - Silicon Supplies CD4046B Datasheet HTML 2Page - Silicon Supplies CD4046B Datasheet HTML 3Page - Silicon Supplies CD4046B Datasheet HTML 4Page - Silicon Supplies CD4046B Datasheet HTML 5Page - Silicon Supplies CD4046B Datasheet HTML 6Page - Silicon Supplies CD4046B Datasheet HTML 7Page - Silicon Supplies CD4046B Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4046B
Rev 1.0
21/09/18
AC Electrical Characteristics5 T
J = 25°C unless otherwise specified
DC Electrical Characteristics (Voltages referenced to V
SS)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5
VOH = 2.5V
-1.2
-1.0
-0.7
5
VOH = 4.6V
-0.25
-0.2
-0.14
10
VOH = 9.5V
-0.65
-0.5
-0.35
Minimum
Output Drive
(Source)
IOH
15
VOH = 13.5V
-1.8
-1.5
-1.1
mA
5
VOL = 0.4V
0.64
0.51
0.36
10
VOL = 0.5V
1.6
1.3
0.9
Minimum
Output Drive
(Sink)
IOL
15
VOL = 1.5V
4.2
3.4
2.4
mA
5V
5
5
150
10V
10
10
300
Maximum
Quiescent
Supply Current
IDD
15V
INH = PCAIN = VDD,
Zener = VCOIN = 0V,
PCBIN = VDD or 0V,
IOUT = 0µA
20
20
600
µA
5V
1
-
-
10V
1
-
-
Noise Immunity
Margin
-
15V
“1” & “0” level
1
-
-
V
PARAMETER
SYMBOL
VDD
CONDITIONS
MIN
TYPICAL
MAX
UNITS
5V
-
180
350
10V
-
90
150
Transition
Time,
Low to High
tTLH
15V
CL = 50pF
-
65
110
ns
5V
-
100
175
10V
-
50
75
Transition
Time, High to
Low
tTHL
15V
CL = 50pF
-
37
55
ns
PHASE COMPARATORS 1 AND 2
PARAMETER
SYMBOL
VDD
CONDITIONS
MIN
TYPICAL
MAX
UNITS
5V
1.0
2.0
-
10V
0.2
0.4
-
15V
PCAIN
0.1
0.2
-
Input
Resistance
RIN
15V
PCBIN
150
1500
-
MΩ
5V
-
200
300
10V
-
400
600
15V
AC coupled - PCAIN,
C Series = 1000pF,
f = 50kHz
-
700
1050
mV p-p
Minimum
Input
Sensitivity
VIN
5 -15V
DC coupled,PCAIN,PCBIN
See noise immunity
VOLTAGE CONTROLLED OSCILLATOR (VCO)
5V
0.5
0.7
-
10V
1.0
1.4
-
Maximum
Frequency
fMAX
15V
VCOIN = VDD,
C1 = 50pF,
R1 = 5kΩ, R2 = ∞
1.4
1.9
-
MHz
 
5. Not production tested in die form, characterized by chip design and tested in package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com