Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4046B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4046B
Description  CMOS High Voltage Logic
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4046B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4046B Datasheet HTML 1Page - Silicon Supplies CD4046B Datasheet HTML 2Page - Silicon Supplies CD4046B Datasheet HTML 3Page - Silicon Supplies CD4046B Datasheet HTML 4Page - Silicon Supplies CD4046B Datasheet HTML 5Page - Silicon Supplies CD4046B Datasheet HTML 6Page - Silicon Supplies CD4046B Datasheet HTML 7Page - Silicon Supplies CD4046B Datasheet HTML 8Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4046B
Rev 1.0
21/09/18
Pad Layout and Functions
Block Diagram
PLL Waveforms
1930µm (76 mils)
PAD
FUNCTION
1
LD
2
PC1OUT
3
PCBIN
4
VCOOUT
5
INH
6
C1A
7
C1B
8
VSS
9
VCOIN
10
SFOUT
11
R1
12
R2
13
PC2OUT
14
PCAIN
15
ZENER
16
VDD
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad 1 = VDD
Pad 8 = VSS
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
DIE ID
10
Typical waveforms for CMOS PLL with
phase comparator in locked condition of fosc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com