Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP4-150-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP4-150-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP4-150-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP4-150-R Datasheet HTML 1Page - Eaton All Rights Reserved. FP4-150-R Datasheet HTML 2Page - Eaton All Rights Reserved. FP4-150-R Datasheet HTML 3Page - Eaton All Rights Reserved. FP4-150-R Datasheet HTML 4Page - Eaton All Rights Reserved. FP4-150-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 4119
Effective December 2015
Supersedes March 2007
Product description
•
High current carrying capacity
•
Inductance range from 0.090uH to 0.200uH
•
Current range 30 to 72 Amps
•
10.2 x 6.8mm footprint surface mount package
in a 5.0mm height
•
Ferrite core material
•
Halogen free, lead free, RoHS compliant
Applications
•
Servers
•
Multi-phase and Vcore regulators
•
Voltage Regulator Modules (VRMs)
•
Server and desktop
•
Central processing unit (CPU)
•
Graphics processing unit (GPU)
•
Application specific integrated circuit (ASIC)
•
High power density
•
Battery power systems
•
Graphics cards
Environmental data
•
Storage temperature range (component):
-40°C to +155°C
•
Operating temperature range: -45°C to +155°C
(Ambient plus self temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
FP4
High current power inductors
Pb
HALOGEN
HF
FREE


Similar Part No. - FP4-150-R

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP40-1200 TRIAD-FP40-1200 Datasheet
97Kb / 1P
PC Mount: Flat Pack
FP40-150 TRIAD-FP40-150 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-300 TRIAD-FP40-300 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-60 TRIAD-FP40-60 Datasheet
53Kb / 1P
Power Transformer PC Mount: Flat Pack
FP40-600 TRIAD-FP40-600 Datasheet
53Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - FP4-150-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com