Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4071B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4071B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4071B Datasheet HTML 1Page - Silicon Supplies CD4071B Datasheet HTML 2Page - Silicon Supplies CD4071B Datasheet HTML 3Page - Silicon Supplies CD4071B Datasheet HTML 4Page - Silicon Supplies CD4071B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4071B
Rev 1.0
19/09/18
6. Not production tested in die form, characterized by chip design and tested in package.
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
VIN = VDD or VSS
VOL = 0.4V
0.64
0.51
0.36
10V
VIN = VDD or VSS
VOL = 0.5V
1.6
1.3
0.9
Minimum Output
Low (Sink) Current
IOL
15V
VIN = VDD or VSS
VOL = 1.5V
4.2
3.4
2.4
mA
5V
VIN = VDD or VSS
VOH = 2.5V
-3.0
-2.4
-1.7
5V
VIN = VDD or VSS
VOH = 4.6V
-0.64
-0.51
-0.36
10V
VIN = VDD or VSS
VOH = 9.5V
-1.6
-1.3
-0.9
Minimum Output
High (Source)
Current
IOH
15V
VIN = VDD or VSS
VOH = 13.5V
-4.2
-3.4
-2.4
mA
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
TYPICAL
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
125
250
500
10V
60
120
240
Propagation Delay,
Input A or B to
Output Y (Figure 1)
tPLH, tPHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
45
90
180
ns
5V
100
200
400
10V
50
100
200
Output Transition
Time, Any Output
(Figure 1)
tTLH, tTHL
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
40
80
160
ns
Input Capacitance
CIN
-
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
5
7.5
7.5
pF
5. −55˚C ≤ TJ ≤ +125˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com