Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4071B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4071B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4071B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4071B Datasheet HTML 1Page - Silicon Supplies CD4071B Datasheet HTML 2Page - Silicon Supplies CD4071B Datasheet HTML 3Page - Silicon Supplies CD4071B Datasheet HTML 4Page - Silicon Supplies CD4071B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
d 
CMOS High Voltage Logic – CD4071B
Rev 1.0
19/09/18
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Logic Diagram
1270µm (50 mils)
PAD
FUNCTION
1
2
14
13
11
12
1A
1
2
1B
DIE ID
3
3
1Y
4
2Y
5
2A
9
10
4
5
6
6
2B
7
VSS
7
8
8
3A
9
3B
10
3Y
11
4Y
12
4A
13
4B
14
VDD
CONNECT CHIP BACK TO VDD OR FLOAT
Truth Table
INPUTS
OUTPUT
A
B
Y
Pad 14 = VDD
Pad 7 = VSS
L
L
H
H
L
H
L
H
L
H
H
H
H = High level (steady state)
L = Low level (steady state)
 
Page 2 of 5 
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com