Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R022-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # R022-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

R022-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  R022-R Datasheet HTML 1Page - Eaton All Rights Reserved. R022-R Datasheet HTML 2Page - Eaton All Rights Reserved. R022-R Datasheet HTML 3Page - Eaton All Rights Reserved. R022-R Datasheet HTML 4Page - Eaton All Rights Reserved. R022-R Datasheet HTML 5Page - Eaton All Rights Reserved. R022-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4373
Effective September 2017
Supersedes March 2015
FP0404
High frequency, high current power inductors
Description
•
High current carrying capacity
•
Low core loss
•
Frequency range up to 2 MHz
•
Inductance Range from 22 nH to 110 nH
•
Current range from 14 A to 40 A
•
4.0 mm x 4.0 mm footprint surface mount pack-
age in 3.0 mm and 4.0 mm heights
•
Ferrite core material
Applications
•
Multi-phase and Vcore regulators
•
Voltage Regulator Modules (VRMs)
•
Server and desktop VRMs and EVRDs
•
Laptop and notebook regulators
•
Data networking and storage systems
•
Graphics cards and battery power systems
•
Point-of-Load modules
Environmental Data
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - R022-R

ManufacturerPart #DatasheetDescription
logo
Weller Tools
R02 WELLER-R02 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
Frontier Electronics.
R02-LFR FRONTIER-R02-LFR Datasheet
125Kb / 2P
1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
logo
celduc-relais
R025 CELDUC-R025 Datasheet
157Kb / 2P
REED RELAY / CHANGE OVER DRY CONTACT
R0250W00 CELDUC-R0250W00 Datasheet
157Kb / 2P
REED RELAY / CHANGE OVER DRY CONTACT
R0251W00 CELDUC-R0251W00 Datasheet
157Kb / 2P
REED RELAY / CHANGE OVER DRY CONTACT
More results

Similar Description - R022-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com