Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R022-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # R022-R
Description  High frequency, high current power inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

R022-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  R022-R Datasheet HTML 1Page - Eaton All Rights Reserved. R022-R Datasheet HTML 2Page - Eaton All Rights Reserved. R022-R Datasheet HTML 3Page - Eaton All Rights Reserved. R022-R Datasheet HTML 4Page - Eaton All Rights Reserved. R022-R Datasheet HTML 5Page - Eaton All Rights Reserved. R022-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Technical Data 4373
Effective September 2017
FP0404
High frequency, high current power inductors
www.eaton.com/electronics
Product Specifications
Part Number5
OCL1
(nH) ±15%
FLL2
(nH) minimum
I
rms
3
(A)
I
sat1
4
(A)
I
sat2
5
(A)
I
sat3
6
(A)
DCR (mΩ)
@ +20 °C
±25%
K-factor7
FP0404R1-R022-R
22 ±20%
15
19
40
34
32
0.32 ± 15%
2351
FP0404R1-R065-R
65
44
19
24
22
20
0.32
2248
FP0404R1-R080-R
80
54
19
20
18
16
0.32
2248
FP0404R1-R100-R
100
68
19
16
14
13
0.32
2248
FP0404R1-R110-R
110
74
19
14
13
12
0.32
2248
1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz (1 MHz for R022), 0.1 Vrms, 0.0 Adc, +25 °C
2. Full Load Inductance (FLL) Test Parameters: 100 kHz (1 MHz for R022), 0.1 Vrms, Isat1, +25 °C
3. Irms: DC current for an approximate temperature rise of 40 °C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed +125 °C underworst case operating
conditions verified in the end application.
4. Isat1 : Peak current for approximately 20% rolloff @ +25 °C
5. Isat2 : Peak current for approximately 20% rolloff @ +100 °C
6. Isat3 : Peak current for approximately 20% rolloff @ +125 °C
7. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ∆I * 10-3. Bp-p:(Gauss), K: (K-factor from
table), L: (Inductance in nH), ∆I (Peak to peak ripple current in Amps).
8. Part Number Definition: FP0404-Rxxx-R
FP0404 = Product code and size
Rx= DCR indicator
Rxxx=Inductance value in μH, R=decimal point
-R suffix = RoHS compliant
Dimensions (mm)
Part Number
C max
R022-R
3.0
R065-R
4.0
R080-R
4.0
R100-R
4.0
R110-R
4.0
Part marking: Rxxx xxx=inductance value in uH, R=decimal point, wly= date code
All soldering surfaces to be coplanar within 0.1 millimeters
DCR is measured from paoint “a” to point “b”
Do not route traces or vias underneath the inductor
Recommended Pad Layout
Schematic
4.0
max
4.0
max
1
2
(R065, R080, R100, R110)
(R022)
1.4
±0.20
1.2
±0.20
1.4
±0.30
1.4
±0.20
1.2
±0.20
1.4
±0.30
1
2
4.2
4.3
1.7
1.7
0.9
1.9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com