Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007R6 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FP1007R6
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1007R6 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FP1007R6 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10007
Effective June 2017
Supersedes September 2012
Product features
•
10.5 x 8.0 x 7.0mm Maximum surface mount
package
•
Ferrite core material
•
Controlled DCR tolerance for sensing circuits
•
Inductance Range from 150nH to 470nH
•
Current range from 23.5 to 75 Amps
•
Frequency range up to 2MHz
•
Halogen free, lead free, RoHS compliant
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
FP1007R6
High frequency, high current power inductors
Pb HALOGEN
HF
FREE
•
Multi-phase regulators
•
Voltage Regulator Modules (VRMs)
•
Desktop and server VRMs and EVRDs
•
Data networking and storage systems
•
Graphics cards and battery power systems
•
Point-of-Load modules
•
DCR Sensing
Environmental data
SMD Device


Similar Part No. - FP1007R6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP1007R6 ETC2-FP1007R6 Datasheet
777Kb / 4P
High Current, High Frequency, Power Inductors
FP1007R6-R15-R ETC2-FP1007R6-R15-R Datasheet
777Kb / 4P
High Current, High Frequency, Power Inductors
FP1007R6-R18-R ETC2-FP1007R6-R18-R Datasheet
777Kb / 4P
High Current, High Frequency, Power Inductors
FP1007R6-R22-R ETC2-FP1007R6-R22-R Datasheet
777Kb / 4P
High Current, High Frequency, Power Inductors
FP1007R6-R27-R ETC2-FP1007R6-R27-R Datasheet
777Kb / 4P
High Current, High Frequency, Power Inductors
More results

Similar Description - FP1007R6

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com