Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP1007R6 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # FP1007R6
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FP1007R6 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  FP1007R6 Datasheet HTML 1Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 2Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 3Page - Eaton All Rights Reserved. FP1007R6 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.eaton.com/electronics
Technical Data 10007
Effective June 2017
Core loss vs Bp-p
Inductance characteristics
FP1007R6
High frequency, high current power inductor
Temperature rise vs total loss
1MHz 500kHz
10
300kHz
200kHz
1
100kHz
0.1
0.01
0.001
0.0001
0.00001
100
1000
10000
Bp-p (Gauss)
% of OCL vs. Isat1
100%
80%
60%
40%
-40°C
+100°C
+25°C
20%
0%
0%
20%
40%
60%
80%
100%
120%
140%
160%
% of Isat1
60
50
40
30
20
10
0
0.0
0.4
0.8
1.2
1.6
2.0
Total Loss (W)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com