Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8LP Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HC8LP
Description  Low profile, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC8LP Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HC8LP Datasheet HTML 1Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 2Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 3Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4126
Effective October 2015
Supersedes March 2007
Product description
•
Low profile surface mount inductors designed
for higher speed switch mode applications
requiring low voltage, and high current
•
Design utilizes high temperature powder iron
material with a non-organic binder to eliminate
thermal aging
•
Inductance range from 0.17 uH to 47.9 uH
•
Current range from 1.7 to 56 Amps
•
Frequency range 1kHz to 500kHz
Applications
•
Multi-phase regulators
•
Voltage Regulator Modules (VRMs)
•
Distributed power systems DC-DC converters
•
Notebook and laptop regulators
•
Desktop and server VRMs and EVRDs
•
Point-of-Load (POL) modules
•
Battery power systems
•
High current power supplies
•
Data networking and storage systems
Environmental data
•
Storage temperature range (component):
-40°C to +155°C
•
Operating temperature range: -40°C to +155°C
(ambient plus self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
HC8LP
Low profile, high current power inductors
Pb


Similar Part No. - HC8LP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HC8LP-100-R COOPER-HC8LP-100-R Datasheet
143Kb / 3P
155C maximum temperature operation
HC8LP-150-R COOPER-HC8LP-150-R Datasheet
143Kb / 3P
155C maximum temperature operation
HC8LP-1R2-R COOPER-HC8LP-1R2-R Datasheet
143Kb / 3P
155C maximum temperature operation
HC8LP-1R9-R COOPER-HC8LP-1R9-R Datasheet
143Kb / 3P
155C maximum temperature operation
HC8LP-220-R COOPER-HC8LP-220-R Datasheet
143Kb / 3P
155C maximum temperature operation
More results

Similar Description - HC8LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
HC2LP-4R7-R COOPER-HC2LP-4R7-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
High Current, Low Profile, Miniature Power Inductors
HC2LP EATON-HC2LP Datasheet
340Kb / 4P
Low profile, high current power inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
High current, low profile, miniature power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com