Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8LP Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC8LP
Description  Low profile, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC8LP Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC8LP Datasheet HTML 1Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 2Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 3Page - Eaton All Rights Reserved. HC8LP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4126
Effective October 2015
HC8LP
Low profile, high current power inductors
www.eaton.com/elx
Product specifications
Part number6
OCL1 (μH) ±20%
l
rms
2
(amps)
lsat3 (amps)
15% rolloff
lsat4 (amps)
30% rolloff
DCR (mΩ)
maximum @ 20°C
Volt-μSec5
(V-μs)
HC8LP-R15-R
0.170
29.0
31
56
1.40
7.8
HC8LP-R39-R
0.430
20.2
19
34
2.80
4.7
HC8LP-R75-R
0.830
15.6
13.5
24
4.70
3.4
HC8LP-1R2-R
1.35
12.4
10.1
18.7
7.50
2.6
HC8LP-1R9-R
1.92
10.1
8.7
15.5
11.5
4.1
HC8LP-2R6-R
2.67
8.3
7.4
13.1
17.1
4.8
HC8LP-3R5-R
3.56
6.9
6.4
11.4
24.5
5.6
HC8LP-4R5-R
4.57
6.5
5.6
10.0
27.6
6.3
HC8LP-5R6-R
5.71
5.5
5.1
9.0
38.9
7.1
HC8LP-6R9-R
6.98
5.2
4.6
8.1
42.8
7.8
HC8LP-8R2-R
8.37
4.5
4.2
7.4
58.0
8.6
HC8LP-100-R
9.90
4.3
6.8
3.8
62.9
9.3
HC8LP-150-R
15.2
3.4
3.1
5.5
99.4
11.6
HC8LP-220-R
21.7
2.8
2.6
4.6
149
13.7
HC8LP-330-R
32.1
2.3
2.1
3.8
224
16.8
HC8LP-470-R
47.9
1.8
1.7
3.1
344
20.3
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 1.0Vrms, 0.0Adc, @ +25°C
2. Irms: DC current for an approximate DT of 40°C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components
will affect the temperature rise. It is recommended that the temperature of the part not exceed 155°C
under worst case operating conditions verified in the end application.
3. Peak current for approximately 15% rolloff @+20°C
4. Peak current for approximately 30% rolloff @+20°C
5. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at operating
frequency necessary to generate additional core loss which contributes to the 40°C temperature rise.
De-rating of the I
rms is required to prevent excessive temperature rise. The 100% V-us rating is
equivalent to a ripple current Ip-p of 20% of Isat (30% rolloff option).
6. Part number definition: HC8LP-XXX-R
HC8LP = Product code and size
XXX = Inductance value in uH. R = Decimal point. If no R is present then last character equals
number of zeros
-R suffix indicates RoHS compliant
Dimensions–mm
10.4
Max
10.4
Max
HC8LP-XXX
wwllyy R
TOP VIEW
10.9
Max
B
Max
C
L
Aref
3.95
2plcs
ref
FRONT VIEW
B
max
mm
1R23.3
R39
R75
R15
PN
3.5
3.5
3.5
FRONT VIEW
Dimesional Table
A
ref
mm
2.1
2.1
2.1
2.1
1R9
thru
470
2.7
3.5
2.70 ±0 .55
(2 x)
SIDE VIEW
3.5 typ
2plcs
3.0 typ
2plcs
4.0typ
RECOMMENDED PAD LAYOUT
SCHEMATIC
1
2
Part marking: HC8LP= (Product code and size)-xxx=(inductance value in uH, R= decimal point. If no R is present then last character equals
number of zeros. wwlyly=date code, R=revision level
Tolerances are ±0.2 millimeters unless stated otherwise
All soldering surfaces to be coplanar within 0.1 millimeters
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com