Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC9-330-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HC9-330-R
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC9-330-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HC9-330-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC9-330-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC9-330-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC9-330-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data DS4312
Effective December 2015
Supersedes December 2007
Product description
•
Surface mount inductors designed for higher
speed switch mode applications requiring lower
inductance, low voltage and high current
•
Design utilizes high temperature powder iron
material with a non-organic binder to eliminate
thermal aging
•
Inductance Range from 0.2μH to 47.0μH
•
Current Range from 3.65 amps to 95.0 amps
•
Frequency Range 1kHz to 500kHz
Applications
•
Multi-phase regulators
•
Voltage Regulator Modules (VRMs)
•
Distributed power systems DC-DC converters
•
Desktop and server VRMs and EVRDs
•
Point-of-Load (POL) modules
•
Field Programmable Gate Array (FPGA) DC-DC
converters
•
Battery power systems
•
High current power supplies
•
Data networking and storage systems
Environmental data
•
Storage temperature range (component): -40°C
to +155°C
•
Operating temperature range: -40°C to +155°C
(Ambient plus self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
HC9
High current power inductors
Pb


Similar Part No. - HC9-330-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HC9-330-R COOPER-HC9-330-R Datasheet
248Kb / 3P
High Current 9 Power Inductors
More results

Similar Description - HC9-330-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com