Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS0705-4R7M-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # LDS0705-4R7M-R
Description  Shielded metalized drum core power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LDS0705-4R7M-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  LDS0705-4R7M-R Datasheet HTML 1Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 2Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 3Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4142
Effective July 2017
Supersedes March 2007
Product features
•
7.8 mm x 7.0 mm x 5.0 mm shielded drum
core
•
Ferrite core material
•
Metalized core mounting utilizes board space
•
Inductance range from 0.82 µH to 470 µH
•
Current range from 0.368 A to 8.57 A
•
Frequency range up to 1 MHz
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
LDS0705
Shielded metalized drum core power inductors
•
Buck or Boost Inductor
•
Noise filtering and output filter chokes
•
Battery Power, DC-DC converters
•
Notebook and laptop power
•
Hand held devices
•
Media players
SMD Device
Environmental data
Pb HALOGEN
HF
FREE
Discontinued,
Effective
October
31,
2018
or until
inventory
is
depele
ted
.
No
replacement
available.
DRA74-R
possible
alternate
solution.


Similar Part No. - LDS0705-4R7M-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LDS0705-4R7M-R COOPER-LDS0705-4R7M-R Datasheet
129Kb / 3P
Shielded Power Inductors
More results

Similar Description - LDS0705-4R7M-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
Shielded Drum Core Inductors
logo
Pulse A Technitrol Comp...
SPM2006 PULSE-SPM2006_22 Datasheet
129Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - P1167 Series
SPM2007 PULSE-SPM2007_24 Datasheet
234Kb / 2P
SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
logo
Cooper Bussmann, Inc.
LD1-8R2-R COOPER-LD1-8R2-R Datasheet
166Kb / 3P
Metalized Drum Core Power Inductor
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
logo
Eaton All Rights Reserv...
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
SD10-R47-R EATON-SD10-R47-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
Low profile shielded drum core power inductors
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
Low profile shielded drum core power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com