Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDS0705-4R7M-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # LDS0705-4R7M-R
Description  Shielded metalized drum core power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LDS0705-4R7M-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  LDS0705-4R7M-R Datasheet HTML 1Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 2Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 3Page - Eaton All Rights Reserved. LDS0705-4R7M-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.eaton.com/electronics
Technical Data 4142
Effective July 2017
LDS0705
Shielded metalized drum core power inductors
Temperature rise vs. total loss
Core loss vs Bp-p
1 MHz
500 kHz
300 kHz
200 kHz
100 kHz
50 kHz
0.0001
0.001
0.01
0.1
1
10
100
1
10
100
1000
Bp-p (mT)
Inductance characteristics
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Tot al Loss (W)
OCL vs. Isat
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
% of Isat
-40
25
85
Discontinued,
Effective
October
31,
2018
or until
inventory
is depeleted.
No
replacement
available.
DRA74-R
possible
alternate
solution.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com