Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R4-6R8-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MPI4040R4-6R8-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R4-6R8-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MPI4040R4-6R8-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technical Data 4086
Effective October 2015
Supersedes April 2014
Description
•
Handles high transient inrush current spikes
•
Magnetically shielded
•
Frequency range 20kHz to 10MHz
•
Inductance range from 0.10μH to 22μH
•
Current range from 1.1A to 32.0A
•
4.7 x 4.31 footprint surface mount package in
1.2, 1.5, 1.85 or 2.0mm heights
•
Rugged construction
•
Halogen free, lead free, RoHS compliant
Applications
•
Handheld/mobile devices
•
Portable media players
•
GPS/PDAs
•
MP3 Players
•
Battery operated devices
•
Notebook/netbook/laptop
•
Tablets/smartbooks
•
LCD Displays
•
LED Drivers
•
POL Converters
Environmental Data
•
Storage temperature range (component):
-55°C to +125°C
•
Operating temperature range: -55°C to +125°C
(Ambient plus self temperature rise)
•
Solder reflow temperature:
J-STD-020D compliant
Pb
HALOGEN
HF
FREE
MPI4040
High current, high frequency, miniature power inductors
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2


Similar Part No. - MPI4040R4-6R8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MPI4040R4-6R8-R COOPER-MPI4040R4-6R8-R Datasheet
1Mb / 12P
High Frequency, High Current Miniature Power Inductors
More results

Similar Description - MPI4040R4-6R8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MPI4040R1-R10-R COOPER-MPI4040R1-R10-R Datasheet
1Mb / 12P
High Frequency, High Current Miniature Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
MPIA4040 EATON-MPIA4040 Datasheet
4Mb / 13P
Automotive Grade High Current, High Frequency, Miniature Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com