Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPI4040R4-6R8-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MPI4040R4-6R8-R
Description  High current, high frequency, miniature power inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPI4040R4-6R8-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MPI4040R4-6R8-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPI4040R4-6R8-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Technical Data
4086
Effective October 2015
MPI4040
High current, high frequency, miniature power inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1
± 20% (μH)
Part marking
designator
I
rms
2
(amps)
I
sat
3
@ 25°C (amps)
DCR (mΩ)
±20% @ 20°C
K-factor4
R1 — 1.2mm Height
MPI4040R1-R10-R
0.10
A
8.0
32†
8.5
1401
MPI4040R1-R15-R
0.15
B
7.0
26†
11
989
MPI4040R1-R22-R
0.23
C
5.5
21
18
814
MPI4040R1-R33-R
0.33
D
4.4
17
28
659
MPI4040R1-R47-R
0.47
E
5.2
11.5
20
1295
MPI4040R1-R68-R
0.68
F
3.3
9.0
51
461
MPI4040R1-1R0-R
1.0
G
3.7
7.7
40
990
MPI4040R1-1R5-R
1.5
H
3.0
6.5
60
732
MPI4040R1-2R2-R
2.2
I
2.6
5.9
80
623
MPI4040R1-3R3-R
3.3
J
2.2
5.1
115
481
MPI4040R1-4R7-R
4.7
K
1.8
3.8
180
411
MPI4040R1-6R8-R††
6.8
L
1.5
3.2
250
344
MPI4040R1-100-R††
10
M
1.2
2.8
370
276
R2 — 1.5mm Height
MPI4040R2-R47-R
0.47
A
6.4
12.2
13
1403
MPI4040R2-1R0-R
1.0
B
4.6
8.9
25
935
MPI4040R2-1R5-R
1.5
C
3.8
7.6
37
701
MPI4040R2-2R2-R
2.2
D
3.2
5.7
58
647
MPI4040R2-3R3-R
3.3
E
2.6
5.4
76
495
MPI4040R2-4R7-R
4.7
F
2.2
4.3
105
421
MPI4040R2-6R8-R
6.8
G
1.8
3.4
158
351
MPI4040R2-100-R††
10.0
H
1.5
3.1
240
271
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10V
rms, 0.0Adc
2. I
rms: DC current for an approximate temperature rise of 40°C without core loss. De-rating is necessary for AC currents.
Temperature rise is dependent upon several factors, including the PCB pad layout, trace thickness and width, air-flow
and proximity to other heat generating components. It is recommended the part temperature not exceed 125°C under
worst case operating conditions and therefore, the temperature rise should be verified in the end use application. I
rms
testing was performed on a 19.05mm long x 6.35mm wide x 0.070mm thick copper trace in still air.
3. I
sat: Peak current for approximately 30% rolloff at +25°C.
4. K-factor: Used to determine B
p-p for core loss (see graph).
B
p-p = K * L * DI.Bp-p : (Gauss), K: (K-factor from table), L: (inductance in μH),
DI =(peak-to-peak ripple current in amps).
5. Part Number Definition: MPI4040RX-XXX-R
• MPI4040R = product code and size
• X = version indicator
• XXX = inductance value in μH, R= decimal point - If no R is present, then last character equals the
number of zeros
• -R suffix = RoHS compliant
† Transient pulse not to exceed 1 millisecond.
†† Maximum operating frequency less than 10MHz, consult factory for application specific values.
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPI40-V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com