Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIA4040R4-100-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MPIA4040R4-100-R
Description  Automotive Grade High Current, High Frequency, Miniature Power Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPIA4040R4-100-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MPIA4040R4-100-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product description:
• AEC-Q200 Grade 3 qualified
• Handles high transient inrush current spikes
• Magnetically shielded
• Frequency range 20kHz to 10MHz
• Inductance range from 0.09µH to 22µH
• Current range from 1.1A to 32.0A
• 4.7 x 4.31 footprint surface mount package
in 1.2, 1.5, 1.85 or 2.0mm heights
• Rugged construction
• Halogen free, lead free, RoHS compliant
Applications:
• Body electronics
- Central body control module
- Vehicle access control system
- Headlamps, tail lamps and interior lighting
- Door control
• Advanced driver assistance systems
- 77GHz radar systems
- Automatic parking control
- Collision avoidance system
- Basic and smart surround, and rear and front
view camera
- Adaptive Cruise Control (ACC)
- Car black box system
• Infotainment and cluster electronics
- Active noise cancellation (ANC)
- Audio subsystem: head unit and trunk amp
- Digital instrument cluster
- In-vehicle infotainment (IVI) and navigation
- Port power/USB hub for front and
rear passengers
• Chassis and safety electronics
- Airbag control unit
Environmental data:
• Storage temperature range (component):
-55°C to +125°C
• Operating temperature range: -55°C to +125°C
(ambient plus self temperature rise)
• Solder reflow temperature: J-STD-020D
compliant
MPIA4040
Automotive Grade
High Current, High Frequency, Miniature Power Inductors
Technical Data 10230
Effective August 2014
HALOGEN
HF
FREE
Pb
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPIA40-V1


Similar Part No. - MPIA4040R4-100-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-1R0-R EATON-MPIA4012V2-1R0-R Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-1R5-R EATON-MPIA4012V2-1R5-R Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-2R2-R EATON-MPIA4012V2-2R2-R Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
MPIA4012V2-4R7-R EATON-MPIA4012V2-4R7-R Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
More results

Similar Description - MPIA4040R4-100-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MPI4040R1-R10-R COOPER-MPI4040R1-R10-R Datasheet
1Mb / 12P
High Frequency, High Current Miniature Power Inductors
logo
Eaton All Rights Reserv...
MPI4040 EATON-MPI4040 Datasheet
1Mb / 13P
High current, high frequency, miniature power inductors
HCM1A0703 EATON-HCM1A0703 Datasheet
599Kb / 11P
Automotive grade High current power inductors
HCM1A1305 EATON-HCM1A1305 Datasheet
585Kb / 12P
Automotive grade High current power inductors
HCMA0503 EATON-HCMA0503 Datasheet
432Kb / 7P
Automotive grade High current power inductors
HCMA0703 EATON-HCMA0703 Datasheet
393Kb / 8P
Automotive grade High current power inductors
HCMA1104 EATON-HCMA1104 Datasheet
350Kb / 7P
Automotive grade High current power inductors
HCMA1305 EATON-HCMA1305 Datasheet
691Kb / 9P
Automotive grade High current power inductors
MPIA25-V2 EATON-MPIA25-V2 Datasheet
648Kb / 12P
Automotive grade High current, low profile, miniature power inductors
MPIA40-V2 EATON-MPIA40-V2 Datasheet
1Mb / 22P
Automotive grade High current, low profile, miniature power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com