Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIA4040R4-100-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MPIA4040R4-100-R
Description  Automotive Grade High Current, High Frequency, Miniature Power Inductors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MPIA4040R4-100-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MPIA4040R4-100-R Datasheet HTML 1Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 2Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 3Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 4Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 5Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 6Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 7Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 8Page - Eaton All Rights Reserved. MPIA4040R4-100-R Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.eaton.com/elx
2
Technical Data 10230
Effective August 2014
MPIA4040 Automotive Grade High
Current, High Frequency Miniature
Power Inductors
Product specifications
1 Open Circuit Inductance (OCL) Test Parameters: 100kHz, 0.10V
rms, 0.0Adc
2 I
rms: DC current for an approximate temperature rise of 40°C without core
loss. De-rating is necessary for AC currents. Temperature rise is dependent
upon several factors, including the PCB pad layout, trace thickness and width,
air-flow and proximity to other heat generating components. It is
recommended the part temperature not exceed 125°C under worst case
operating conditions and therefore, the temperature rise should be verified
in the end use application. Irms testing was performed on a 19.05mm long x
6.35mm wide x 0.070mm thick copper trace in still air.
3 I
sat: Peak current for approximately 30% rolloff at +25°C.
Part Number5
OCL1
± 20% (µH)
Part Marking
Designator
I
rms
2
(Amps)
I
sat
3
@ 25°C (Amps)
DCR (mΩ)
± 20% @ 20°C
K-factor4
R1 -- 1.2mm Height
MPIA4040R1-R10-R
0.09
A
8.00
32.0†
8.50
1401
MPIA4040R1-R15-R
0.15
B
7.00
26.0†
11.0
989
MPIA4040R1-R22-R
0.23
C
5.50
21.0
18.0
814
MPIA4040R1-R33-R
0.33
D
4.40
17.0
28.0
659
MPIA4040R1-R47-R
0.47
E
5.20
11.5
20.0
1295
MPIA4040R1-R68-R
0.68
F
3.30
9.00
51.0
461
MPIA4040R1-1R0-R
1.0
G
3.70
7.70
40.0
990
MPIA4040R1-1R5-R
1.5
H
3.00
6.50
60.0
732
MPIA4040R1-2R2-R
2.2
I
2.60
5.90
80.0
623
MPIA4040R1-3R3-R
3.3
J
2.20
5.10
115
481
MPIA4040R1-4R7-R
4.7
K
1.80
3.80
180
411
MPIA4040R1-6R8-R††
6.8
L
1.50
3.20
250
344
MPIA4040R1-100-R††
10.0
M
1.20
2.80
370
276
R2 -- 1.5mm Height
MPIA4040R2-R47-R
0.47
A
6.40
12.2
13.0
1403
MPIA4040R2-1R0-R
1.0
B
4.60
8.90
25.0
935
MPIA4040R2-1R5-R
1.5
C
3.80
7.60
37.0
701
MPIA4040R2-2R2-R
2.2
D
3.20
5.70
58.0
647
MPIA4040R2-3R3-R
3.3
E
2.60
5.40
76.0
495
MPIA4040R2-4R7-R
4.7
F
2.20
4.30
105
421
MPIA4040R2-6R8-R
6.8
G
1.80
3.40
158
351
MPIA4040R2-100-R††
10.0
H
1.50
3.10
240
271
4 K-factor: Used to determine B
p-p for core loss (see graph). Bp-p = K * L * DI.
Bp-p : (Gauss), K: (K-factor from table), L: (inductance in µH),
DI (peak-to-peak ripple current in amps).
5 Part Number Definition: MPIA4040RX-XXX-R
• MPIA4040X = product code and size
• XXX = inductance value in all, “R” = decimal point
- If no “R” is present, then third digit equals the number of zeros
• “-R” suffix = RoHS compliant
† Transient pulse not to exceed 1 millisecond.
†† Maximum operating frequency less than 10MHz, consult factory for
application specific values.
Discontinued,
Effective
September
15,
2016
or until
inventory
is depleted.
Recommended
replacement
MPIA40-V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com