Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRESSING-PLATE Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # DRESSING-PLATE
Description  Dressing plate that maintains the performance stability and cutting ability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DRESSING-PLATE Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  DRESSING-PLATE Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DRESSING-PLATE Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DRESSING PLATE
A2
1
-
Standard specification size
A2
A4
C6
C8
C10
C20
C40
WA200
WA400
GC600
GC800
GC1000
GC2000
GC4000
A2-1
A4-1
C6-1
C8-1
C10-1
C20-1
C40-1
325
~ 400
400
~ 600
500
~ 700
700
~ 1000
800
~ 1000
1200
~ 1300
2000
~
140
~ 230
270
~ 325
400
~ 500
600
325
400
~ 800
600
~ 1000
800
~ 1300
1000
~ 2000
2000
~
A2-2
A4-2
C6-2
C8-2
C10-2
A2-3
A4-3
1mm
2mm
3mm
600:DRESSING PLATE
75
75
PRECISION ACCRETECH BLADE
*Please contact us for dressing conditions.
*Dressing plates with tape are also available.
*Please consult with us for customized dimensions.
■ Specification and Notation
Type
Thickness
■ Standard and application
Type
(um)
Grit type
Thickness(mm) and Notation
Applicable grit size
Metal Blade
Nickel Blade
Resin Blade
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■ Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■ Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
C-93-600-E-1809A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com