Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRESSING-PLATE Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # DRESSING-PLATE
Description  Dressing plate that maintains the performance stability and cutting ability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

DRESSING-PLATE Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  DRESSING-PLATE Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD DRESSING-PLATE Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRESSING PLATE
PRECISION ACCRETECH BLADE
600:DRESSING PLATE
n = 30,000 min-1
f = 50 mm/sec
△s = 0.5 mm
N = 50 lines
Initial dressing conditions
Dressing plate that maintains the performance
stability and cutting ability.
Dressing under the optimized condition draws
out the blade performance to the maximum.
Resin plate for blade truing and blade dressing.
Can offer the variety of dress plates according to the blade
specification.
Use of the dress plate prior to the processing can bring out better performance
and quality of the blade.
We can suggest the conditions of use.
Blade surface after initial dressing
Nickel blade #800
Eliminate the clogging of the blade by the dressing under the suitable condition.
Processing example
Dressing Plate
TOKYO SEIMITSU


Similar Part No. - DRESSING-PLATE

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRE120 CHINFA-DRE120 Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12A CHINFA-DRE120-12A Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-12B CHINFA-DRE120-12B Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24A CHINFA-DRE120-24A Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE120-24B CHINFA-DRE120-24B Datasheet
472Kb / 4P
AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRESSING-PLATE

ManufacturerPart #DatasheetDescription
logo
TEMEX
ROX2525T5 TEMEX-ROX2525T5 Datasheet
448Kb / 2P
The ROX2525T5 OCXO presents interesting stability performance versus price
logo
MTRONPTI
XO5153 MTRONPTI-XO5153 Datasheet
126Kb / 1P
High performance stability and aging
logo
Lumileds Lighting Compa...
DS63 LUMILEDS-DS63 Datasheet
2Mb / 21P
Reliable high-power LED that gives you the design flexibility and performance you need
PB63 LUMILEDS-PB63 Datasheet
1Mb / 2P
Reliable high-power LED that gives you the design flexibility and performance you need
logo
PHOENIX CONTACT
CUTFOX-CD PHOENIX-CUTFOX-CD Datasheet
49Kb / 2P
Easy, burr-free cutting with minimum effort thanks to the special cutting geometry and optimum leverage
UNIFOX-C-VDE-DB PHOENIX-UNIFOX-C-VDE-DB Datasheet
53Kb / 2P
Excellent transformation ratios for excellent gripping and cutting performance
logo
List of Unclassifed Man...
CM501 ETC2-CM501 Datasheet
1Mb / 27P
The CM501 block saw is designed for durability and high performance for onsite wet and dry cutting
logo
TOKYO SEIMITSU CO., LTD
DS ACCRETECH-DS Datasheet
476Kb / 2P
Higher cutting ability, better cutting quality
logo
Lumileds Lighting Compa...
L1HX-27702P0000000 LUMILEDS-L1HX-27702P0000000 Datasheet
2Mb / 19P
Higher performance, color stability, lumen maintenance, and longevity.
20211210
logo
Omron Electronics LLC
CS1W-DRM21-V1 OMRON-CS1W-DRM21-V1 Datasheet
686Kb / 6P
A DeviceNet Unit for the CS Series That Boasts Industry-leading Performance and Functions
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com