Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # GC
Description  RESIN BOND BLADES FOR GLASS & CERAMICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

GC Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  GC Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD GC Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
935:RESIN BOND BLADES(GC)
PRECISION ACCRETECH BLADE
#400
#500
#600
1A8
SD
600
-
R
50, 75, 100
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan TEL.+81(42)642-0390 FAX.+81(42)642-0484
http://www.accretech.jp
■ Ordering the product
1) Shape and size/ Detailed blade shape and precision etc.
2) Specifications/ Desired specification as well as the current in-use blade etc.
3) Cutting work and condition/ Machine in use, RPM, feed speed, coolant flow rate etc.
When ordering our product, please refer to our catalog and let
us know the details of the product as below.
■ Precautions
* The catalog is subject to change without notice.
* The catalog is not to guarantee the product quality.
In order to use the product safely and to bring out the best of the
blade's performance, please make sure to thoroughly read the
specifications and other related materials of the product.
■ Specification and Notation
Shape
Grit type
Mesh size
G
rade
Mesh size
GR403
75
Concentration
Bond
■ Availability by mesh size
■ Concentration
■ Grit type
SD
   Standard
SDC
  Coating
■ Bond
56D
0.15T
40H
+ 0.1
- 0
50
~ 62
40
0.15 ≦ T≦ 0.25
± 0.01
H
D
T
■ Dimension and Notation
■ Production
Range
■ Production
Range
O.D.
Blade thickness
I.D.
O.D. (mm)
Blade thickness (mm)
I.D. (mm)
Availability size
Tolerance
Availability size
Tolerance
Availability size
Drawing Notation
Consult us for the specification other than
described in this catalogue.
Mesh
size
Blade thickness (mm)
0.15≦T
<0.2
0.2≦T
<0.25
#400
#500
#600
●
●
●
●
●
●
Standard type
Long life type
GR403
For Grass For Ceramics
Bond Type
GR404
CR403
CR404
GC series
RESIN BOND BLADES
FOR GLASS & CERAMICS
C-93-935-E-1901A
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com