Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GC Datasheet(PDF) 1 Page - TOKYO SEIMITSU CO., LTD

Part # GC
Description  RESIN BOND BLADES FOR GLASS & CERAMICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

GC Datasheet(HTML) 1 Page - TOKYO SEIMITSU CO., LTD

  GC Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD GC Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RESIN BOND BLADES
FOR GLASS & CERAMICS
PRECISION ACCRETECH BLADE
935:RESIN BOND BLADES(RGC)
Resin blade series for hard brittle materials.
Realizes high cutting quality and long life.
Processing example
Ceramics cutting
n=25,000 1/min-1
f=8mm/sec
Glass cutting
n=25,000 1/min-1
f=10mm/sec
GC series
High-accuracy cutting is now
possible in any unstable
fixed situation.
High-quality cutting is offered
through the service life due to
its sharp edge and excellent
maintainability of shape.
Resin blade series for glass, ceramics and other
hard brittle materials.
A variation is expanded in pursuit of the high-speed cutting,
long life, and stable cutting quality.
TOKYO SEIMITSU


Similar Description - GC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
DD180N16S INFINEON-DD180N16S Datasheet
358Kb / 10P
Solder-Bond Technology
2017-08-24 Revision 3.3
DD180N18S INFINEON-DD180N18S Datasheet
435Kb / 10P
Solder-Bond Technology
2017-08-24 Revision 3.3
DD340N20S INFINEON-DD340N20S Datasheet
578Kb / 10P
Solder-Bond Technology
2017-06-21 Revision 3.7
TT160N18SOF INFINEON-TT160N18SOF Datasheet
744Kb / 11P
Solder-Bond Technology
2017-06-14 Revision: 3.1
TT190N16SOF INFINEON-TT190N16SOF Datasheet
912Kb / 11P
Solder-Bond Technology
2017-06-14 Revision: 3.2
TT190N18SOF INFINEON-TT190N18SOF Datasheet
912Kb / 11P
Solder-Bond Technology
2017-06-14 Revision: 3.1
TT320N16SOF INFINEON-TT320N16SOF Datasheet
988Kb / 11P
Solder-Bond Technology
2017-06-14 Revision: 3.7
logo
TOKYO SEIMITSU CO., LTD
GM ACCRETECH-GM Datasheet
408Kb / 2P
METAL BOND BLADES FOR GLASS
HM ACCRETECH-HM Datasheet
420Kb / 2P
METAL BOND BLADES
PG ACCRETECH-PG Datasheet
407Kb / 2P
RESIN BOND BLADES FOR LEADFLAME PACKAGES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com