Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1-5-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # CMT1-5-R
Description  Common mode inductors, through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMT1-5-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  CMT1-5-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data
4312
Effective October 2015
CMT
Common mode inductors, through-hole
www.eaton.com/elx
Dimensions–mm
CMT1
1
2
3
4
23
3
4
SIDE VIEW
Pin #1 indicator
29.5 max
3.8
typ
10.00
13.00
22.0 max
0.80 dia
36.5 max
1
2
3
4
component side
1.15 dia ±0.13
13.0 ± 0.20
10.0 ± 0.20
CMT1-X
wwllyy R
FRONT VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
3
4
CMT2
36.5 max
4.0
±
1.0
15.0
±
0.2
26.5 max
1.2 dia
3.2
44.5 max
1
2
3
4
component side
3.00 dia ± 0.13
21.0 ± 0.20
15.0
±
0.20
CMT2 -
wwllyy R
FRONT VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
2
1
3
4
21.0 ±0.2
SIDE VIEW
1
2
3
4
2
3
3
4
Pin #1 indicator
CMT3
25.0 max Dia
14 max
5
typ
ØDia
SIDE VIEW
1
2
4
3
2
3
1
4
3
2
component side
15.0 ± 0.20
15.0
±
0.20
TOP VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
Pin #1 Indicator
"Y" Dia
ref
"Z" Dia ref
CMT3-1
0.58
0.83
CMT3-2
0.64
0.90
CMT3-3
0.71
0.97
CMT3-4
0.80
1.06
CMT3-5
0.89
1.15
CMT3-6
0.99
1.25
zdia
15.0
±
0.20
15.0
±
0.20
3
4
2
1
ydia
CMT4
CMT4-x
wwllyy - R
SIDE VIEW
1
2
3
4
Pin #1 indicator
"Y" Dia
ref
"Z" Dia ref
CMT4-1
0.58
0.83
CMT4-2
0.64
0.90
CMT4-3
0.71
0.97
CMT4-4
0.80
1.06
CMT4-5
0.89
1.15
CMT4-6
0.99
1.25
ydia
z dia
1
2
3
4
component side
12.0 ± 0.20
11.0
±
0.20
FRONT VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
12.00
11.00
25.5 max
25.0 max
2
1
4
1
5.0 typ
15.4 max
(1) All Dimensions are in millimeters unless otherwise
specified
(2) Tolerances are +/- 0.20mm unless stated otherwise.
(3) wwllyy = (Date Code) R = (Revision Level)
Schematic is the same for all the series
Discontinued,
Effective
March
1, 2016
or until
inventory
is depleted.
No
recommended
replacement
available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com