Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMT1-5-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # CMT1-5-R
Description  Common mode inductors, through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMT1-5-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  CMT1-5-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMT1-5-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data
4312
Effective October 2015
CMT
Common mode inductors, through-hole
www.eaton.com/elx
Impedance Curves
Impedance CMT1 - 1 thru - 5
0
10
20
30
40
50
60
70
80
90
100
0.05
0.10.2
0.30.4
0.50.6
0.70.8
0.9
FREQUENCY (MHz)
-1 -2
-3
-4
-5
Impedance CMT1 - 6 thru -10
0
2
4
6
8
10
12
14
16
18
20
0.05
0.20.4
0.60.8
11.4
FREQUENCY (MHz)
-6
-7
-9
-8
-10
Impedance CMT2 - 1 thru - 5
0
20
40
60
80
100
120
0.05
0.10.2
0.30.4
0.50.6
0.7
FREQUENCY (MHz)
-1
4
-
3
-
2
-
-5
Impedance CMT2 - 6 thru -10
0
5
10
15
20
25
0.05 0.10.2 0.30.4 0.50.6 0.70.8 0.91 1.21.4 1.6
FREQUENCY (MHz)
-6
-7
-9
-8
-10
Impedance CMT3 & CMT4
0
0.5
1
1.5
2
2.5
3
3.5
0.06
0.10.2
0.40.6
0.81
24
FREQUENCY (MHz)
-4 -5 -6
Impedance CMT3 & CMT4
0
5
10
15
20
25
0.06
0.10.2
0.40.6
0.81
2
FREQUENCY (MHz)
-1
-2
-3
Discontinued,
Effective
March
1, 2016
or until
inventory
is depleted.
No
recommended
replacement
available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com