Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF6021 Datasheet(PDF) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF6021
Description  Built-in 700V Power BJT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF6021 Datasheet(HTML) 2 Page - SIFIRST TECHNOLOGIES NANHAI LIMITED

  SF6021 Datasheet HTML 1Page - SIFIRST TECHNOLOGIES NANHAI LIMITED SF6021 Datasheet HTML 2Page - SIFIRST TECHNOLOGIES NANHAI LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©SiFirst Technology
- 2 -
Confidential
SiFirst_DS_6021_V1.0
FB
1
2
3
VDD
GND
C
SOP7
4
7
6
5
CS
C
NC
Ordering Information
Part Number
Top Mark
Package
Tape & Reel
SF6021TG
SF6021TG
SOP7
Green
SF6021TGT
SF6021TG
SOP7
Green
Yes
Marking Information
YWW: Year&Week code
SF 6 0 2 1 T G
Y WW
Pin Description
Pin Num
Pin Name
I/O
Description
1
VDD
P
IC power supply pin.
2
FB
I
System feedback pin. This control input regulates both the output voltage
in CV mode and output current in CC mode based on the flyback voltage
of the auxiliary winding.
3
NC
-
No connect.
4
CS
I
Current sense pin.
5-6
C
P
High voltage power BJT collector pin.
7
GND
P
Ground



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com