Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF6021 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF6021
Description  Built-in 700V Power BJT
File Size   98.27 Kbytes
Html View  1   2 
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF6021 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED



Similar Part No. - SF6021

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF602 GOOD-ARK-SF602 Datasheet
191Kb / 2P
Super Fast Rectifiers
logo
SIFIRST TECHNOLOGIES NA...
SF6020P SIFIRST-SF6020P Datasheet
163Kb / 2P
NC-Cap/PSR-IITM (Primary Side Regulation) CV/CC Controller
SF6020PMGT SIFIRST-SF6020PMGT Datasheet
163Kb / 2P
NC-Cap/PSR-IITM (Primary Side Regulation) CV/CC Controller
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6022TG SIFIRST-SF6022TG Datasheet
98Kb / 2P
Built-in 700V Power BJT
More results


Similar Description - SF6021

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT2800S HOTCHIP-HT2800S Datasheet
977Kb / 6P
Built- in 700V power BJT
HT2801S HOTCHIP-HT2801S Datasheet
1Mb / 6P
Built- in 800V power BJT
HT2802D HOTCHIP-HT2802D Datasheet
938Kb / 8P
Built-in 800V power BJT
HT2802S HOTCHIP-HT2802S Datasheet
983Kb / 8P
Built-in 800V power BJT
logo
SIFIRST TECHNOLOGIES NA...
SF5938S SIFIRST-SF5938S Datasheet
100Kb / 2P
Built-in 600V Power MOSFET
SF6022 SIFIRST-SF6022 Datasheet
98Kb / 2P
Built-in 700V Power BJT
SF6772S SIFIRST-SF6772S Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6773V SIFIRST-SF6773V Datasheet
88Kb / 2P
Built-in 650V Power MOSFET
SF6778S SIFIRST-SF6778S Datasheet
87Kb / 2P
Built-in 600V Power MOSFET
logo
Qorvo, Inc
TGA4509 QORVO-TGA4509 Datasheet
284Kb / 8P
Built-in Power Detector
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com