Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2-R47-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HC2-R47-R
Description  High current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC2-R47-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HC2-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HC2-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HC2-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HC2-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4109
Effective October 2015
Supersedes August 2006
Product description
•
Compact footprint
•
Designed for high density, high current/low
voltage applications
•
Foil technology that adds higher reliability factor
over the traditional magnet wire used for higher
frequency circuit designs
•
Frequency Range up to 1MHz
Applications
•
Distributed power systems DC-DC converters
•
General-purpose low voltage supplies
•
Computer systems
•
Servers
•
Point of Load (POL) converters
•
Industrial Equipment
•
Networking/Telecom power supplies
Environmental data
•
Storage temperature range (component): -
40°C to +125°C
•
Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise).
•
Solder reflow temperature: J-STD-020D
compliant
HC2
High current power inductors
Pb


Similar Part No. - HC2-R47-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HC2-R47-R COOPER-HC2-R47-R Datasheet
181Kb / 2P
HIGH CURRENT 2??Power Inductors
More results

Similar Description - HC2-R47-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com