Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2LP Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HC2LP
Description  Low profile, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC2LP Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HC2LP Datasheet HTML 1Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 2Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 3Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4114
Effective October 2015
Supersedes March 2007
Product description
•
Compact footprint
•
Designed for high density, high current/low
voltage applications
•
Foil technology that adds higher reliability factor
over the traditional magnet wire used for higher
frequency circuit designs
•
Frequency Range up to 1MHz
•
Ferrite core material
Applications
•
Distributed power systems DC-DC converters
•
General-purpose low voltage supplies
•
Computer systems
•
Servers
•
Point of Load (POL) converters
•
Industrial Equipment
•
Networking/Telecom power supplies
Environmental data
•
Storage temperature range (component):
-40°C to +125°C
•
Operating temperature range: -40°C to +125°C
(ambient + self-temperature rise).
•
Solder reflow temperature: J-STD-020D
compliant.
HC2LP
Low profile, high current power inductors
Pb
HALOGEN
HF
FREE


Similar Part No. - HC2LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
HC2LP-1R0 ETC-HC2LP-1R0 Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
HC2LP-1R0-R COOPER-HC2LP-1R0-R Datasheet
187Kb / 2P
Compact footprint for high density, high current/low voltage applications
HC2LP-1R0-R COOPER-HC2LP-1R0-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
List of Unclassifed Man...
HC2LP-2R2 ETC-HC2LP-2R2 Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
More results

Similar Description - HC2LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC2LP ETC-HC2LP Datasheet
245Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
FP1105R1-R10-R COOPER-FP1105R1-R10-R Datasheet
339Kb / 4P
High Current, Low-Profile Power Inductors
FP0705R1-R07-R COOPER-FP0705R1-R07-R Datasheet
430Kb / 4P
High Current, Low-Profile Power Inductors
HC2LP-4R7-R COOPER-HC2LP-4R7-R Datasheet
187Kb / 2P
HIGH CURRENT 2LP Low Profile Power Inductors
logo
Eaton All Rights Reserv...
FP2 EATON-FP2 Datasheet
661Kb / 5P
Low profile, high current power inductors
HC8LP EATON-HC8LP Datasheet
417Kb / 4P
Low profile, high current power inductors
MPI2520 EATON-MPI2520 Datasheet
3Mb / 7P
High Current, Low Profile, Miniature Power Inductors
MPI25-V2 EATON-MPI25-V2 Datasheet
647Kb / 12P
High current, low profile, miniature power inductors
MPI40-V2 EATON-MPI40-V2 Datasheet
1Mb / 22P
High current, low profile, miniature power inductors
MPI5451 EATON-MPI5451 Datasheet
2Mb / 8P
High current, low profile power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com