Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC2LP Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HC2LP
Description  Low profile, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HC2LP Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HC2LP Datasheet HTML 1Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 2Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 3Page - Eaton All Rights Reserved. HC2LP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4114
Effective October 2015
HC2LP
Low profile, high current power inductors
www.eaton.com/elx
Product specifications
Part number
OCL1 (μH) ±20%
l
rms
2
amps (approx.)
l
sat
3
amps (approx.)
DCR4 (Ω) maximum @ 20°C
Volt-μsec5 (V-μs)
HC2LP-R47-R
.52
52.9
63.75
.0006
6.87
HC2LP-R68-R
.63
52.9
50.00
.0006
6.87
HC2LP-1R0-R
1.15
33.0
42.50
.0013
10.31
HC2LP-2R2-R
2.00
24.3
31.90
.0023
13.75
HC2LP-4R7-R
4.55
17.0
21.25
.0046
20.62
HC2LP-6R0-R
6.00
17.0
16.50
.0046
20.62
1. Open Circuit Inductance Test Parameters: 300kHz, 0.250 Vrms, 0.0 Adc
2. DC current for an approximate temperature change of 40°C without core loss. Derating is necessary
for AC currents. PCB layout, trace thickness and width, air-flow and proximity of other heat
generating components will affect the temperature rise. It is recommended that the temperature
of the part not exceed 125°C under worst case operating conditions verified in the end application.
3. Peak current for approximately 30% rolloff.
4. Values @ 20°C
5. Applied Volt-Time product (V-μs) across the inductor. This value represents the applied V-μs at
300KHz neccessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise.
Dimensions–mm
Packaging information (mm)
Supplied in tape and reel packaging, 130 parts per 13” reel.
1
40.4
+/-0.1
44.0
+/-0.3
11.3
32
19.3
A
1.7
20.2
2.0
1.5Dia +0.10
-0.00
4.0
A
User direction of feed
SECTION A-A
19.3
1
2
19.00
10.00
5.50
5.50
9.5
typ
19.2
max
19.2
max
2.8
typ
2.3
typ
11.18
max
FRONT VIEW
TOP VIEW
SCHEMATIC
RECOMMENDED PCB PAD LAYOUT
HC2LP-xxx
wwllyy R
1
2
xxx = Inductance value
wwllyy = Date code R = Revision level



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com