Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1007 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCF1007
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCF1007 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCF1007 Datasheet HTML 1Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 2Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 3Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4361
Effective July 2017
Supersedes September 2010
Product features
10.3 x 8.1 x 6.65 mm surface mount package
Ferrite core material
Secure 3 terminal mounting
High current carrying capacity, low core losses
Tight DCR tolerance for sensing circuits
Inductance range from 0.3 µH to 10.0 µH
Current range from 5.3 A to 48 A
Frequency range up to 1 MHz
Applications
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
HCF1007
High frequency, high current power inductors
Pb HALOGEN
HF
FREE
Point-of-load modules
Multi-phase regulators
Voltage Regulator Module (VRM)
Desktop and server VRMs and EVRDs
Data networking and storage systems
Graphics cards and battery power systems
DCR current sensing
Environmental data


Similar Part No. - HCF1007

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HCF10C60 HUASHAN-HCF10C60 Datasheet
97Kb / 3P
Silicon Controlled Rectifier
More results

Similar Description - HCF1007

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FP0807R1-R07-R COOPER-FP0807R1-R07-R Datasheet
453Kb / 4P
High Current, High Frequency, Power Inductors
logo
Eaton All Rights Reserv...
FP0404 EATON-FP0404 Datasheet
345Kb / 6P
High frequency, high current power inductors
FP0505R EATON-FP0505R Datasheet
394Kb / 5P
High frequency, high current power inductors
FP1007 EATON-FP1007 Datasheet
531Kb / 5P
High frequency, high current power inductors
FP1008R7 EATON-FP1008R7 Datasheet
423Kb / 6P
High frequency, high current power inductors
FP1107 EATON-FP1107 Datasheet
779Kb / 4P
High frequency, high current power inductors
FP1108L3 EATON-FP1108L3 Datasheet
481Kb / 6P
High frequency, high current power inductors
FP1206 EATON-FP1206 Datasheet
741Kb / 4P
High frequency, high current power inductors
FP1208 EATON-FP1208 Datasheet
540Kb / 4P
High frequency, high current power inductors
FP1308 EATON-FP1308 Datasheet
279Kb / 4P
High frequency, high current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com