Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1007 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HCF1007
Description  High frequency, high current power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCF1007 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HCF1007 Datasheet HTML 1Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 2Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 3Page - Eaton All Rights Reserved. HCF1007 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.eaton.com/electronics
Technical Data 4361
Effective July 2017
Core loss vs Bp-p
Inductance characteristics
HCF1007
High frequency, high current power inductor
Temperature rise vs total loss
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Total Loss (W )
1 M Hz
500 kHz
10
300 kHz
200 kHz
1
100 kHz
0.1
0.01
0.001
0.0001
0.00001
100
1000
10000
Bp-p Gauss)
% of O CL vs. % of Isat1
100%
80%
-40°C
60%
+25°C
40%
+125
20%
0%
0%
20%
40%
60%
80%
100%
120%
140%
160%
% of I sat1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com