Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT14 Datasheet(PDF) 2 Page - Silicon Supplies

Part # ACT14
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

ACT14 Datasheet(HTML) 2 Page - Silicon Supplies

  ACT14 Datasheet HTML 1Page - Silicon Supplies ACT14 Datasheet HTML 2Page - Silicon Supplies ACT14 Datasheet HTML 3Page - Silicon Supplies ACT14 Datasheet HTML 4Page - Silicon Supplies ACT14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Advanced CMOS TTL Input – 54ACT14
Rev 1.0
11/03/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
-502
-263.5
2
1Y
-364.9
-410
3
2A
-157.7
-410
4
2Y
188.9
-410
5
3A
413
-410
6
3Y
495
-298
7
GND
495
-140
8
GND
495
140
9
4Y
495
298
10
4A
413
410
11
5Y
188.9
410
12
5A
-157.7
410
13
6Y
-364.9
410
14
6A
-495
263
15
VCC
-495
64.2
16
VCC
-495
-64.2
CHIP BACK IS ISOLATED
 
Pad Layout and Functions
1270µm (50 mils)
Function Table
INPUTS
A
OUTPUT
Y
H
L
L
H
H = High level (steady state)
L = Low level (steady state)
 
Pad 15,15 = VCC
Pad 7,8 = GND
Y = Ᾱ  
0,0
Logic Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DIE ID



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com