Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT14 Datasheet(PDF) 1 Page - Silicon Supplies

Part # ACT14
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

ACT14 Datasheet(HTML) 1 Page - Silicon Supplies

  ACT14 Datasheet HTML 1Page - Silicon Supplies ACT14 Datasheet HTML 2Page - Silicon Supplies ACT14 Datasheet HTML 3Page - Silicon Supplies ACT14 Datasheet HTML 4Page - Silicon Supplies ACT14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Advanced CMOS TTL Input – 54ACT14
Hex Schmitt-Trigger Inverter with LSTTL compatible inputs in bare die form
Rev 1.0
11/03/19
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1270 x 110
50 x 43
µm
mils
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu
Back Metal Composition
N/A – Bare Si
Schmitt Trigger Inputs
TTL & CMOS compatible Input Levels
Outputs Sink/Source 24mA
Outputs directly interface CMOS, NMOS and TTL
Low power dissipation: ICC 2µA max at 25°C
High noise immunity
Functionally compatible with bipolar 54F14
Full Military Temperature Range
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
Description
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
The 54ACT14 Hex Schmitt-Trigger Inverter is fabricated
using an advanced CMOS process combining LSTTL
speed with CMOS low power consumption while
delivering high output drive. The device performs the
Boolean function Y = Ᾱ in positive logic. Device inputs
directly accept LSTTL or CMOS. Schmitt-Trigger inputs
transform slow input rise and fall times into sharply
defined jitter-free output signals. Due to the hysteresis
voltage of the Schmitt trigger, the 54ACT14 is useful in
noisy environments. All inputs are protected against
ESD and excess voltage transients.
Die Dimensions in µm (mils)
1270 (50)
Mechanical Specification
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - ACT14

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACT1000RE OHMITE-ACT1000RE Datasheet
43Kb / 1P
Epoxy Molded Precision Wirewound Axial Terminals
logo
Concordia Technologies ...
ACT100X2.5 CONCORDIATECHNOLOGIES-ACT100X2.5 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT1018SMX-4 ACT-ACT1018SMX-4 Datasheet
325Kb / 2P
extremely compact, high quality, low aging, vacuum enclosed
05-02-2013
logo
WeEn Semiconductors
ACT102H-600D WEEN-ACT102H-600D Datasheet
210Kb / 13P
AC Thyristor power switch
logo
Concordia Technologies ...
ACT1030X12.7 CONCORDIATECHNOLOGIES-ACT1030X12.7 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
More results

Similar Description - ACT14

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT574 SS-54ACT574 Datasheet
909Kb / 6P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com