Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74ACT14
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT14 Datasheet(HTML) 5 Page - Silicon Supplies

  74ACT14 Datasheet HTML 1Page - Silicon Supplies 74ACT14 Datasheet HTML 2Page - Silicon Supplies 74ACT14 Datasheet HTML 3Page - Silicon Supplies 74ACT14 Datasheet HTML 4Page - Silicon Supplies 74ACT14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Page 5 of 5 
www.siliconsupplies.com
 
 
Advanced CMOS TTL Input – 74ACT14 
Rev 1.0
11/03/19
 
Capacitance8 (V
CC = 5V, Tj = 25°C)
 
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to
any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon Supplies Ltd
hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or system or
to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to
support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may
be endangered.
SYMBOL
VCC
CONDITIONS
TYPICAL
UNITS
VIN = VCC
Input Capacitance
CIN
5V
or GND
4.5
pF
Power Dissipation
CL = 50pF,
Capacitance
CPD
5V
f = 1 MHz
45
pF
 
8. Not production tested in die form, characterized by chip design and tested in package.
Figure 1 – Propagation Delay, Transition Timing
Switching Waveform
Test Circuit
OUTPUT
* Includes all probe and jig capacitance
½ * VCC
½ * VCC
½ * VCC
½ * VCC
INPUT
OUTPUT
500Ω
tPLH
tPHL
CL*
DUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com