Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT14
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT14 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT14 Datasheet HTML 1Page - Silicon Supplies 74ACT14 Datasheet HTML 2Page - Silicon Supplies 74ACT14 Datasheet HTML 3Page - Silicon Supplies 74ACT14 Datasheet HTML 4Page - Silicon Supplies 74ACT14 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Advanced CMOS TTL Input – 74ACT14
Hex Schmitt-Trigger Inverter with LSTTL compatible inputs in bare die form
Rev 1.0
11/03/19
 
 
 
Schmitt Trigger Inputs
TTL & CMOS compatible Input Levels
 
Outputs Sink/Source 24mA
 
 
 
 
 
 
 
 
Outputs directly interface CMOS, NMOS and TTL
Low power dissipation: ICC 2µA max at 25°C
High noise immunity
Functionally compatible with bipolar 74F14.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The 74ACT14 Hex Schmitt-Trigger Inverter is fabricated
using an advanced CMOS process combining LSTTL
speed with CMOS low power consumption while
delivering high output drive. The device performs the
Boolean function Y = Ᾱ in positive logic. Device inputs
directly accept LSTTL or CMOS. Schmitt-Trigger inputs
transform slow input rise and fall times into sharply
defined jitter-free output signals. Due to the hysteresis
voltage of the Schmitt trigger, the 74ACT14 is useful in
noisy environments. All inputs are protected against
ESD and excess voltage transients.
Description
Die Dimensions in µm (mils)
1270 (50)
 
 
 
For High Reliability versions of this product please see
54ACT14
 
 
 
 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
1270 x 110
Die Size (Unsawn)
50 x 43
µm
mils
Minimum Bond Pad Size
70 x 70
2.76 x 2.76
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu
Back Metal Composition
 
Sawn Wafer on Tape – On request
 
Unsawn Wafer – On request
 
 
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
N/A – Bare Si
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 74ACT14

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT14 STMICROELECTRONICS-74ACT14 Datasheet
52Kb / 7P
HEX SCHMITT INVERTER
Mar-1999
logo
ON Semiconductor
74ACT14 ONSEMI-74ACT14 Datasheet
144Kb / 9P
Hex Inverter Schmitt Trigger
October, 2006 ??Rev. 7
74ACT14 ONSEMI-74ACT14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
74ACT14 ONSEMI-74ACT14 Datasheet
374Kb / 11P
Hex Inverter with Schmitt Trigger Input
December, 2021-Rev. 3
logo
STMicroelectronics
74ACT14B STMICROELECTRONICS-74ACT14B Datasheet
52Kb / 7P
HEX SCHMITT INVERTER
Mar-1999
More results

Similar Description - 74ACT14

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com