Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0503-R47-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # HCM0503-R47-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0503-R47-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  HCM0503-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Technical Data 4430
Effective June 2015
HCM0503
High current power inductors
www.eaton.com/electronics
Core loss vs. Bp-p
Inductance characteristics
25kHz
50kHz
100kHz
200kHz
300kHz
500kHz
0.1
1.0
10.0
100.0
1000.0
10000.0
100
1000
10000
Bp-p (Gauss)
40%
50%
60%
70%
80%
90%
100%
110%
0246 81012141618202224262830
IDC(Amps)
HCM0503-R20-R
40%
50%
60%
70%
80%
90%
100%
110%
02468 10 12 14 16 18 20 22 24 26
HCM0503-R35-R
IDC(Amps)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com