Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0503-R47-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # HCM0503-R47-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0503-R47-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  HCM0503-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0503-R47-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Technical Data 4430
Effective June 2015
HCM0503
High current power inductors
www.eaton.com/electronics
Inductance characteristics
40%
50%
60%
70%
80%
90%
100%
110%
02468
10 12 14 16 18 20 22 24
40%
50%
60%
70%
80%
90%
100%
110%
0246
8101214161820
40%
50%
60%
70%
80%
90%
100%
110%
0246
810121416
40%
50%
60%
70%
80%
90%
100%
110%
0
2468
10
12
40%
50%
60%
70%
80%
90%
100%
110%
0123456789
10 11 12
40%
50%
60%
70%
80%
90%
100%
110%
012345678
91011
IDC(Amps)
HCM0503-R47-R
HCM0503-R75-R
IDC(Amps)
IDC(Amps)
IDC(Amps)
IDC(Amps)
IDC(Amps)
HCM0503-1R0-R
HCM0503-1R5-R
HCM0503-2R2-R
HCM0503-3R3-R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com