Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM0503-R75-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCM0503-R75-R
Description  High current power inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM0503-R75-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCM0503-R75-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM0503-R75-R Datasheet HTML 7Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data 4430
Effective June 2015
Supersedes June 2014
HCM0503
High current power inductors
Product features
•
High current carrying capacity
•
Low core losses
•
Magnetically shielded, low EMI
•
Frequency range up to 1 MHz
•
Inductance range from 0.2 μH to 22 μH
•
Current range from 1.9 A to 22 A
•
5.5 mm x 5.3 mm footprint surface mount
package in a 3.0 mm height
•
Iron powder core material
•
Halogen free, lead free, RoHS compliant
Applications
•
Voltage Regulator Module (VRM)
•
Multi-phase regulators
•
Point-of-Load modules
•
Desktop and server VRMs and EVRDs
•
Base station equipment
•
Notebook and laptop regulators
•
Battery power systems
•
Graphics cards
•
Data networking and storage systems
Environmental data
•
Storage temperature range (Component):
-55 °C to +125 °C
•
Operating temperature range: -55 °C to +125 °C
(ambient + self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCM0503-R75-R

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCM0603A JLWORLD-HCM0603A Datasheet
52Kb / 1P
Electro-Magnetic Sound Generators
HCM0603B JLWORLD-HCM0603B Datasheet
441Kb / 1P
Value applying Rated Voltage
HCM06B JLWORLD-HCM06B Datasheet
441Kb / 1P
Value applying Rated Voltage
logo
Cooper Bussmann, Inc.
HCM0703 COOPER-HCM0703 Datasheet
473Kb / 4P
High Current, Power Inductors
logo
Eaton All Rights Reserv...
HCM0703 EATON-HCM0703 Datasheet
346Kb / 8P
High current power inductors
More results

Similar Description - HCM0503-R75-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
SDL11T08P-R25MF SUPERWORLD-SDL11T08P-R25MF Datasheet
779Kb / 1P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com