Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1307-R47-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HCM1307-R47-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1307-R47-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HCM1307-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
10433
Effective September 2015
HCM1307
High current power inductors
www.eaton.com/elx
Product Specifications
Part Number6
OCL1
(μH) ±20%
FLL2 (μH)
minimum
I
rms
3
(amps)
I
sat
4
(amps)
DCR (mΩ)
typical @ +20°C
DCR (mΩ)
maximum @ +20°C
K-factor5
HCM1307-R47-R
0.47
0.26
38
63
1.0
1.2
192
HCM1307-1R0-R
1.0
0.56
29
49
1.7
2.0
111
HCM1307-3R3-R
3.3
1.85
15
40
4.3
4.5
88
1. Open Circuit Inductance (OCL) Test Parameters: 100kHz, 1.0Vrms, 0.0Adc, @ +25°C
2. Full Load Inductance (FLL) Test Parameters: 100kHz, 1.0Vrms, @ I
sat, @ +25ºC
3. Irms: DC current for an approximate temperature rise of 40°C without core loss. Derating is necessary for AC currents.
PCB layout, trace thickness and width, air-flow, and proximity of other heat generating components will affect the
temperature rise. It is recommended that the temperature of the part not exceed 125°C under worst case operating
conditions verified in the end application.
4. Isat: Peak current for approximately 30% rolloff @ +25°C
5. K-factor: Used to determine Bp-p for core loss (see graph). Bp-p = K * L * ΔI. Bp-p: (Gauss), K: (K-factor from table), L:
(Inductance in μH), ΔI (Peak to peak ripple current in Amps).
6. Part Number Definition: HCM1307-xxx-R
HCM1307 = Product code and size
xxx= inductance value in μH, R= decimal point ,
If no R is present then last character equals number of zeros
-R suffix = RoHS compliant
Dimensions (mm)
Part marking: XXX=Inductance value in uH, R= decimal point. If no R is present then last character equals number of zeros.
wlyy=date code, R=revision level
All soldering surfaces to be coplanar within 0.10 millimeters
Tolerances are ±0.3 millimeters unless stated otherwise
Color: Grey
Do not route traces or vias underneath the inductor
Recommended Pad Layout
Schematic
12.5
±0.5
1
2
XXX
wlyy R
13.2
±1.0
6.3
±0.2
3.8
±0.5
2.5
±0.3
8.0
ref
14.20
4.9
7.7
3.25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com