Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1307-R47-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCM1307-R47-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1307-R47-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCM1307-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1307-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 10433
Effective September 2015
HCM1307
High current power inductors
Description
High current carrying capacity
Low core losses
Magnetically shielded, low EMI
Frequency range up to 1MHz
Inductance range from 0.47μH to 3.3μH
Current range from 15 to 63 amps
14.2 x 13.0mm footprint surface mount
package in a 6.5mm height
Iron powder core material
Halogen free, lead free, RoHS compliant
Applications
Multi-phase regulators
Voltage Regulator Modules (VRMs)
Distributed power systems DC-DC converters
Desktop and server VRMs and EVRDs
Point-of-Load (POL) modules
Field Programmable Gate Array
(FPGA) DC-DC converters
Battery power systems
High current power supplies
Data networking and storage systems
Environmental Data
Storage temperature range (Component):
-55°C to +125°C
Operating temperature range: -55°C to +125°C
(ambient + self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCM1307-R47-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCM1305-100-R EATON-HCM1305-100-R Datasheet
658Kb / 9P
High current power inductors
HCM1305-150-R EATON-HCM1305-150-R Datasheet
658Kb / 9P
High current power inductors
logo
Cooper Bussmann, Inc.
HCM1305-1R0-R COOPER-HCM1305-1R0-R Datasheet
646Kb / 5P
High Current Power Inductors
logo
Eaton All Rights Reserv...
HCM1305-1R0-R EATON-HCM1305-1R0-R Datasheet
658Kb / 9P
High current power inductors
More results

Similar Description - HCM1307-R47-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com