Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1307-1R0-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HCM1307-1R0-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1307-1R0-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HCM1307-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
10433
Effective September 2015
HCM1307
High current power inductors
www.eaton.com/elx
Packaging information (mm)
Supplied in tape and reel packaging, 400 parts per 13” diameter reel
Temperature rise vs. total loss
1.5 dia
4.0
2.0
20.0
1.5 dia
1.75
13.3
7.0
4.5
13.1
11.5
24.0
±0.3
User direction of feed
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.41.6
1.82.0
2.2
Total Loss (W)
HCM1307-R47-R
HCM1307-1R0-R
HCM1307-3R3-R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com