Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1307-1R0-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HCM1307-1R0-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1307-1R0-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HCM1307-1R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1307-1R0-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data 10433
Effective September 2015
HCM1307
High current power inductors
Description
•
High current carrying capacity
•
Low core losses
•
Magnetically shielded, low EMI
•
Frequency range up to 1MHz
•
Inductance range from 0.47μH to 3.3μH
•
Current range from 15 to 63 amps
•
14.2 x 13.0mm footprint surface mount
package in a 6.5mm height
•
Iron powder core material
•
Halogen free, lead free, RoHS compliant
Applications
•
Multi-phase regulators
•
Voltage Regulator Modules (VRMs)
•
Distributed power systems DC-DC converters
•
Desktop and server VRMs and EVRDs
•
Point-of-Load (POL) modules
•
Field Programmable Gate Array
(FPGA) DC-DC converters
•
Battery power systems
•
High current power supplies
•
Data networking and storage systems
Environmental Data
•
Storage temperature range (Component):
-55°C to +125°C
•
Operating temperature range: -55°C to +125°C
(ambient + self-temperature rise)
•
Solder reflow temperature: J-STD-020D
compliant
Pb
HALOGEN
HF
FREE


Similar Part No. - HCM1307-1R0-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCM1305-100-R EATON-HCM1305-100-R Datasheet
658Kb / 9P
High current power inductors
HCM1305-150-R EATON-HCM1305-150-R Datasheet
658Kb / 9P
High current power inductors
logo
Cooper Bussmann, Inc.
HCM1305-1R0-R COOPER-HCM1305-1R0-R Datasheet
646Kb / 5P
High Current Power Inductors
logo
Eaton All Rights Reserv...
HCM1305-1R0-R EATON-HCM1305-1R0-R Datasheet
658Kb / 9P
High current power inductors
More results

Similar Description - HCM1307-1R0-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com