Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2A Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MP2A
Description  MICRO-PAC PLUS??Low profile toroid power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MP2A Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MP2A Datasheet HTML 1Page - Eaton All Rights Reserved. MP2A Datasheet HTML 2Page - Eaton All Rights Reserved. MP2A Datasheet HTML 3Page - Eaton All Rights Reserved. MP2A Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 4112
Effective July 2017
MP2A
MICRO-PAC PLUS™ Low profile toroid power inductors
www.eaton.com/electronics
Product specifications
Dimensions- mm
Packaging information- mm
Parts packaged on 13" Diameter reel,
3,900 parts per reel.
Part
Inductance
OCL(1)
DCR(2)
I RMS(3)
I SAT(4)
Volt(5)
Number
µH
µH±20%
typ.
(A)
(A)
µsec
(rated)
Ω
MP2A-R47-R
0.47
0.47
0.024
3.52
5.80
1.20
MP2A-R68-R
0.68
0.68
0.027
3.31
4.83
1.27
MP2A-1R0-R
1.00
1.21
0.067
2.11
3.63
2.00
MP2A-1R5-R
1.50
1.54
0.073
2.02
3.22
2.09
MP2A-2R2-R
2.20
2.30
0.086
1.87
2.64
2.26
MP2A-3R3-R
3.30
3.21
0.098
1.75
2.23
2.42
MP2A-4R7-R
4.70
4.86
0.117
1.60
1.81
2.64
MP2A-6R8-R
6.80
6.85
0.136
1.49
1.53
2.84
MP2A-8R2-R
8.20
8.54
0.167
1.34
1.54
3.15
MP2A-100-R
10.00
10.02
0.179
1.29
1.42
3.26
MP2A-150-R
15.00
15.18
0.217
1.18
1.16
3.59
MP2A-220-R
22.00
21.40
0.311
0.98
0.97
4.30
MP2A-330-R
33.00
32.74
0.476
0.79
0.79
5.32
MP2A-470-R
47.00
46.48
0.727
0.64
0.66
6.57
MP2A-680-R
68.00
68.53
1.108
0.52
0.54
8.11
MP2A-820-R
82.00
81.15
1.463
0.45
0.50
9.32
MP2A-101-R
100.00
99.65
2.015
0.39
0.45
10.94
Notes: (1) Open Circuit Inductance Test Parameters: 100 kHz, .25 Vrms, 0.0 Adc.
(2) DCR limits +20 °C.
(3) RMS current for an approximate ∆T of 40 °C without core loss. It is
recommended that the temperature of the part not exceed +125 °C.
(4) Peak current for approximately 30% rolloff at +20 °C.
(5) Applied Volt-Time product (V-µs) across the inductor.This value
represents the applied V-µs at 300 kHz necessary to generate a core
loss equal to 10% of the total losses for 40 °C temperature rise.
TOP VIEW
5.88
YWW
XXX
7.5
MAX
1
2
SIDE VIEW
1.8
MAX
5.2
MAX
5.40
2.00
7.50
1.05
PCB PAD LAYOUT
1
2
SCHEMATIC
yww = Date Code
xxx = Inductance value per family chart
Do not route traces or vias underneath the inductor
ACTUAL SIZE
MICRO-PAC PLUS
Ao=5.6mm
A1=2.3mm
Bo=8.5mm
B1=6.3mm
Ko=2.1mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com