Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2A Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MP2A
Description  MICRO-PAC PLUS??Low profile toroid power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MP2A Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MP2A Datasheet HTML 1Page - Eaton All Rights Reserved. MP2A Datasheet HTML 2Page - Eaton All Rights Reserved. MP2A Datasheet HTML 3Page - Eaton All Rights Reserved. MP2A Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.eaton.com/electronics
Technical Data 4112
Effective July 2017
MP2A
MICRO-PAC PLUS™ Low profile toroid power inductors
Core loss
Inductance characteristics
IRMS DERATINGWITH CORE LOSS
0
20
40
50
60
70
80
90
92
94
95
96
97
98
99
10
20
30
40
50 60
80
100
200
300
400 500 600
800 1000
% of AppliedVolt-µ-seconds
OCL vs. Isat
100%
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 110% 120% 130% 140% 150% 160%
% of I sat



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com