Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6329 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6329
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6329 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Functional Description
The Power-On Reset (POR) function continually
monitors the input supply voltage and the enable
function.
The POR monitors the bias voltage at the
VCC pin.
When VCC power is ready, the FP6329/A
starts to ramp up the output voltage up to the target
voltage.
Soft-Start
The FP6329/A features soft-start to limit inrush
current and control the output voltage rise at start-up.
The soft-start is accomplished by ramping the
internal reference input from 0V to 0.6V.
The
soft-start interval is 3.5ms typical.
Over-Current Protection
The over-current function protects the converter a
shorted output by using the low side MOSFET
on-resistance RDS-ON to monitor the current.
This
method enhances the converter’s efficiency and
reduces cost by eliminating a current sensing
resistor.
The
over-current
function
cycles
the
soft-start
function in a hiccup mode to provide fault protection.
After four times are counted, the high side and low
side gate will turn off and the output is latched off
until the VCC bias supply is re-started.
A resistor
(ROCSET), connected from the gate of low side
MOSFET to the source of low side MOSFET to set
the over-current trigger level.
An internal 21.5
μA
(typical) current source develops the voltage across
the ROCSET.
The over-current setting equation is
shown as below:
ON
DS
OCSET
OCSET
R
R
µA
I
21.5
2
*Note: If ROCSET > 25kΩ, the over-current function will
be disabled.
To avoid the normal operation trigger the OCP
function at load transient and junction temperature.
All parameters variation must be concerned.
(1) The maximum RDS-ON at the highest junction
temperature.
(2) The minimum OCSET current.
Shutdown
Connecting a small transistor to COMP/SD pin, and
pulling the voltage of COMP/SD pin less than 0.4V
can shutdown the FP6329/A.
At this condition, the
FP6329/A is shutdown and high side and low side
MOSFETs are turned off.
Under-Voltage Protection
The under-voltage function monitors the FB voltage
to protection the converter against the output
short-circuit
condition.
The
under-
voltage
threshold is 0.5xVREF.
When UVP happens, the
high side and low side gate will turn off and the
output is latched off until the VCC bias supply is
re-started.
Over-Voltage Protection
The over-voltage function monitors the FB voltage
to protection the converter against the output from
over-voltage.
When the feedback voltage rises to
1.25xVREF, the FP6329/A turns on the low side
MOSFET until the feedback voltage below the OVP
threshold.
During the soft start period, the
over-voltage protection function is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com