Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6329 Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FP6329
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329 Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FP6329 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP6329 Datasheet HTML 16Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Application Information (Continued)
Frequency (Hz)
FLC
FESR
-40dB/dec
-20dB/dec
0
Figure26. Bode plot of open loop gain
Proper Type Ⅲ compensation of the system closes
the control loop to allow for a desired bandwidth
with
stability.
The
ideal
Bode
plot
for
compensation system should be satisfied two
conditions;
one
is
a
gain
that
decline
with
-20dB/decade
slope
and
cross
0dB
at
the
predictable bandwidth.
Another one is phase
margin greater than 45° below the 0dB crossing.
)
9
C
4
R
1
S
)(
5
C
4
C
6
R
5
C
4
C
S
(
S
)
5
C
6
R
1
S
)(
)
4
R
3
R
(
9
C
1
S
(
4
C
4
R
3
R
4
R
3
R
GAINTYPEIII
Compensation break frequency equation
5
C
4
C
5
C
4
C
6
R
2
1
F 1
P
,
9
C
4
R
2
1
F 2
P
5
C
6
R
2
1
F 1
Z
,
)
4
R
3
R
(
4
R
2
1
F 2
Z
Figure27 shows the transfer function of closed loop
system with Type Ⅲ compensation.
The Type Ⅲ
compensation network applies two zeroes to give a
180° boost to the phase.
This boost is necessary
to contract the effect of an under damped at the
double pole.
Frequency (Hz)
FLC
FESR
0
FC
FZ1 FZ2
FP1
FP2
Figure27. Bode plot of converter closed loop gain
The following guidelines will help calculate the poles
and zeroes of the compensation network.
1. Select R1, 1kΩ to 10kΩ typically.
2. Choose a gain (R6/R3) that will shift the open loop
gain to the desired bandwidth, Fc (1/10 to 1/4 of
Fsw). R6 can be calculated by the equation:
MAX
3
LC
C
IN
OSC
6
D
R
F
F
V
V
R
where DMAX=1, since FP6329/A supports 100% duty
cycle.
VOSC=1.5V, the FP6329/A uses a 1.5V ramp
amplitude.
LC
IN
3
C
MAX
3
LC
C
IN
OSC
6
F
V
R
F
5
.
1
D
R
F
F
V
V
R
3. Calculate C5 to place first zero, FZ1, before FLC.
FZ1 is adjustable from 0.1 to 0.75 of FLC.
Usually
pick the 0.5 factor.
LC
LC
F
6
R
1
F
5
.
0
6
R
2
1
5
C
4. Calculate C4 to place first pole, FP1, at FESR.
1
ESR
F
5
C
6
R
2
5
C
4
C
5. Calculate R4 to place second zero, FZ2, at the
output filter double pole, FLC.
1
F
F
3
R
4
R
LC
SW
6. Calculate C9 to place second pole, FP2, lower than
FLC. FP2 is adjustable from 0.3 to 1.0 of FSW.
Usually set the FP2 at half the switching frequency.
Set FP2 lower in frequency helps reduce the gain of
the compensation network in high frequency and
minimize duty cycle jitter.
SW
SW
F
4
R
1
F
5
.
0
4
R
2
1
9
C
COMPENSATION GAIN
CLOSED LOOP GAIN
OPEN LOOP GAIN
R6
R3
20 log
VIN
VOSC
20 log (DMAX •
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com