Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6375 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6375
Description  High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6375 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6375 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6375 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FP6375-1.0-JUL-2013
FP6375
85T
fitipower integrated technology lnc.
High Efficiency 1MHz 2.5A
Synchronous Step Down Regulator
Pin Assignments
S5 Package (SOT-23-5)
(Marking)
2
1
3
5
4
EN GND LX
VIN
FB
Figure 1. Pin Assignment of FP6375
Ordering Information
SOT-23-5 Marking
Part Number
Product Code
FP6375S5C
E8G
Description
The FP6375 is a high-efficiency 1MHz synchronous
step-down
DC-DC
regulator
and
capable
of
delivering output current up to 2.5A.
The FP6375
operates over wide input voltage range from 2.7V to
5.5V, and integrates main switch and synchronous
switch with very low RDS(ON) to minimize the
conduction loss.
Low output voltage ripple, small external inductor
and capacitor sizes are achieved with 1MHz
switching frequency.
Features
High Efficiency up to 96%
Low RDS(ON) for Internal Switch (Top/Bottom):
95/7
5mΩ
2.7V-5.5V Input Voltage Range
Adjustable Output Voltage Down to 0.6V
1MHz Switching Frequency Minimizes the
External Components
Internal Compensation Function
Internal Soft-Start Limits the Inrush Current
100% Dropout Operation
RoHS Compliant and Halogen Free
Compact Package: SOT-23-5
Applications
Set Top Box
LCD TV
Tablet
Portable Equipment
FP6375
□□□
C: Green
TR: Tape/Reel
Package Type
S5: SOT-23-5


Similar Part No. - FP6375

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
FP6373AS6C FITIPOWER-FP6373AS6C Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
More results

Similar Description - FP6375

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3102 TI1-LM3102_14 Datasheet
1Mb / 24P
SIMPLE SWITCHER Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Global Mixed-mode Techn...
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
logo
Silergy Corp.
SY8003 SILERGY-SY8003 Datasheet
858Kb / 10P
High Efficiency 5.5V, 3A continuous, 1MHz Synchronous Step Down Regulator
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Will Semiconductor Ltd.
WD1039EB WILLSEMI-WD1039EB Datasheet
1Mb / 10P
High Efficiency 2A continuous, 2.5A peak, 1MHz Synchronous Step Down Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
High Efficiency 1MHz 3A Synchronous Step Down Regulator
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com