Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2263 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OB2263
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OB2263 Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 9Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©On-Bright Electronics
- 6 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
Fosc_BM
Burst Mode Base
Frequency
VDD = 16V, RI =
100Kohm
22
KHZ
Gate Drive Output
VOL
Output Low Level
VDD = 16V, Io = -20 mA
0.8
V
VOH
Output High Level
VDD = 16V, Io = 20 mA
10
V
V_Clamp
Output Clamp
Voltage Level
18
V
T_r
Output Rising Time
VDD = 16V, CL = 1nf
220
nSec
T_f
Output Falling Time
VDD = 16V, CL = 1nf
70
nSec
Frequency Shuffling
∆f_OSC
Frequency
Modulation range
/Base frequency
RI=100K
-3
3
%
f_shuffling
Shuffling Frequency
RI=100K
64
HZ
Confidential to Micro Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com